11-2011, rev. 1111 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays pcb relays n 1 pole 16a, 1 form a (no) or 1 form b (nc) contact n coil power 400mw n reinforced insulation (en 61810, 60335, 60730) n ambient temperature up to 105c n quick connect terminals for load side n wg version: materials in accordance to iec 60335-1 typical applications oven control, electric heating, power supplies, air conditioning, microwave ovens, hobs approvals vde reg.-nr. a652, ul e214025, cqc 05001014817 technical data of approved types on request contact data contact arrangement 1 form a (no) or 1 form b (nc) rated voltage 250vac max. switching voltage 400vac rated current 16a limiting making current, form a contact, max. 4s, duty factor 10 % 25a breaking capacity max. 4000va contact material agni 90/10 min. recommended contact load 12vac at 500ma frequency of operation, with/without load 360/72000h -1 operate/release time max. 11/7ms bounce time max., form a/form b 4/4ms contact ratings type contact load cycles iec 61810 rf334; rfh34 a (no) 16a, 250vac resistive, 85c 100x10 3 rf334; rfh34 a (no) 11a, 250vac resistive, 85c 250x10 3 rf334; rfh34 a (no) 20a, 250vac resistive, 85c 25x10 3 rf334; rfh34 a (no) 25a, 250vac resistive, 70c 15x10 3 rf354; rfh54 b (nc) 16a, 250vac resistive, 85c 100x10 3 rf354; rfh54 b (nc) 20a, 250vac resistive, 85c 50x10 3 rf354; rfh54 b (nc) 25a, 250vac resistive, 70c 20x10 3 rfh34 a (no) 16a, 250vac resistive, 105c 100x10 3 rfh34 a (no) 11a, 250vac resistive, 105c 250x10 3 rfh34 a (no) 18.5a, 250vac resistive, 105c 20x10 3 rfh34 a (no) 10a, 400vac resistive, 105c 150x10 3 mechanical endurance >10x10 6 operations coil data coil voltage range 5 to 60vdc operative range, iec 61810 2 coil insulation system according ul1446 class f coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 005 5 3.5 0.5 62 403 006 6 4.2 0.6 90 400 009 9 6.3 0.9 203 399 012 12 8.4 1.2 360 400 024 24 16.8 2.4 1440 400 048 48 33.6 4.8 5520 417 060 60 42.0 6.0 8570 420 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 4000v rms clearance/creepage between contact and coil 8/8mm material group of insulation parts iiia tracking index of relay base pti250v power relay rf f0273-bi z v schrack
11-2011, rev. 1111 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays pcb relays power relay rf (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter resistance to heat and fre wg version according en 60335-1, par.30 ambient temperature rf3 -40 to 85c rfh -40 to 105c category of environmental protection iec 61810 rtii - fux proof 1) vibration resistance (functional), form a/form b, 55 to 500hz 20/5g shock resistance (destructive) 100g terminal type pcb-tht, quick connect for load side weight 20g resistance to soldering heat tht, iec 60068-2-20 fux proof version 270c/10s wash tight version 260c/5s packaging/unit tray/30 pcs., box/300 pcs. 1) rtiii - wash tight version on request pcb layout / terminal assignment bottom view on solder pins 1 form a (no) contact 1 form b (nc) contact s0256-ca s0256-cb s0256-cc quick connect terminals vertical quick connect terminals horizontal s0282-ci s0282-cj dimensions schrack
11-2011, rev. 1111 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 general purpose relays pcb relays power relay rf (continued) product code contact arrangement version coil version part number rf334012 1 form a (no) 85c 12vdc standard 8-1415513-1 rfh34009wg contact 105c 9vdc iec60335-1 compliant 4-1415520-1 rfh34012wg 12vdc 5-1415520-1 rfh34024 24vdc standard 1415511-1 rfh54006wg 1 form b (nc) 6vdc iec60335-1 compliant 1415521-1 rfh54024wg contact 24vdc 3-1415521-1 rfhd4012wg 1 form a (no) 12vdc 9-1415521-1 this list represents the most common types and does not show all variants covered by this datasheet. other types on request product code structure typical product code rf 3 3 4 012 wg type rf power relay rf version 3 16a, 85c h 16a, 105c contact confguration 3 1 form a (no) contact, quick connect term. vertical d 1 form a (no) contact, quick connect term. horizontal 5 1 form b (nc) contact, quick connect term. vertical f 1 form b (nc) contact, quick connect term. horizontal contact material 4 agni 90/10 coil coil code: please refer to coil versions table version blank standard version wg product in accordance with iec 60335-1 (domestic appliances) wash tight version on request schrack
|